Part Number Hot Search : 
R16V2 C8799 N25Q8 BCAP0350 AD7658 7100R MGF0905A BTA20
Product Description
Full Text Search
 

To Download SD-93051-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0930510001 Active
rast_25_connector_system 5.00mm (.196") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 2 Circuits, Natural, Open Endwalls, with Red Stripe
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0040 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Comments Crimp Quality Equipment Overview Product Name Use With IDT and Solder Connectors 93051 With Red Stripe Yes rast_25_connector_system RAST 2.5 RAST Standard Interface
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Temperature Range - Operating Termination Interface: Style Wire Size AWG 2 2 Natural 10 94V-2 Female Yes Yes Phosphor Bronze Tin Tin Polyester 1 Tray No 0.198 In 5.00 mm 0.198 In 5.00 mm 40 1.00 40 1.00 No -20C TO +120C IDT or Pierce 22, 24
Search Parts in this Series 93051Series Mates With Appli-Mate RAST 2.5 Header 93071 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # RAST 2.5 Semi0623006200 Automatic Terminator Machine For Appli-MateTM Connectors
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 250V AC
Material Info
Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-99033-0008 PK-90871-001 PS-99020-0040 SD-93051-001
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-93051-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X